Part Number Hot Search : 
SLA7620 MCR707A EUR29DX MAX9719C ULN2004 2R043 PC811 BTB857D3
Product Description
Full Text Search
 

To Download S9011LT1-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
SOT 23
S9011LT1
FEATURES
TRANSISTORNPN (c)
1. BASE 2. EMITTER 3. COLLECTOR
Power dissipation PCM : 0.2 W Tamb=25ae(c) Collector current ICM : 0.03 A Collector-base voltage V(BR)CBO : 30 V Operating and storage junction temperature range T J T stg: -55aeto +150
Unit : mm
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) VCE(sat) VBE(sat)
unless
Test
otherwise
specified(c)
MIN 30 20 4 0.1 0.1 0.1 70 200 0.3 1 V V TYP MAX UNIT V V V |I A |I A |I A
conditions
Ic= 100|I AIE=0 Ic= 0.1mAIB=0 IE=100|I AIC=0 VCB=16 V , IE=0 VCE=16V , IB=0 VEB= 3.5V , IC=0
VCE=5V, IC= 1mA IC=10 mA, IB= 1mA IC=10 mA, IB= 1mA VCE=5V, I = 1mA C
Transition frequency
fT f=30MHz
150
MHz
DEVICE MARKING:
S9011LT1= 1T
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A L Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100


▲Up To Search▲   

 
Price & Availability of S9011LT1-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X